PART |
Description |
Maker |
M38023E7 M38022E3 M38021E2 M38025M2 M38025M1 M3802 |
RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer 1-Ch. 10-Bit 1.25 MSPS ADC 8-Ch., DSP/SPI, Hardware Configurable, Low Power 24-SOIC -40 to 85 TRANS PREBIASED NPN 200MW SOT-23 Screwless Socket Brdg.(50 pk) 8-BIT SINGLE-CHIP MICROCOMPUTER R1 单芯位CMOS微机 Single Output LDO, 500mA, Fixed(2.5V), Tight Output Accuracy of 2%, Thermal Overload Protection 20-TSSOP 0 to 125 单芯位CMOS微机 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机 Single Chip 8-Bit CMOS Microcomputer Single Chip 8-bit Microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Sem... http:// Mitsubishi Electric Corporation Mitsubishi Electric, Corp.
|
V62C1161024LL-85T V62C1161024L V62C1161024L-100T V |
TRANS PNP 100VCEO 5A TOP-3F 超低功4K的16 CMOS SRAM TRANS PNP 80VCEO 10A TOP-3F Ultra Low Power 64K x 16 CMOS SRAM
|
Mosel Vitelic, Corp. MOSEL[Mosel Vitelic, Corp] Mosel Vitelic Corp Mosel Vitelic Corp
|
AM29SL800B AM29SL800BB170EC AM29SL800BB170ECB AM29 |
High Speed CMOS Logic Octal Inverting Bus Transceiver with 3-State Outputs 20-CDIP -55 to 125 8-Bit Identity/Magnitude Comparators (P=Q) with Enable 20-CDIP -55 to 125 High Speed CMOS Logic Quad 2-Input EXCLUSIVE OR Gates 14-CDIP -55 to 125 4-Bit Magnitude Comparator 16-CDIP -55 to 125 High Speed CMOS Logic Dual Positive-Edge Trigger D Flip-Flops with Set and Reset 14-CDIP -55 to 125 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 1M X 8 FLASH 1.8V PROM, 200 ns, PBGA48 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 8兆位 M中的x 8-Bit/512亩x 16位).8伏的CMOS只超低电压快闪记忆体 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 1M X 8 FLASH 1.8V PROM, 170 ns, PDSO48 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 1M X 8 FLASH 1.8V PROM, 200 ns, PDSO48
|
Advanced Micro Devices, Inc.
|
BS62LV1605FI BS62LV1605FC BS62LV1605EIP70 BS62LV16 |
From old datasheet system Asynchronous 16M(2Mx8) bits Static RAM Very Low Power/Voltage CMOS SRAM 2M X 8 bit 非常低功电压CMOS SRAM2米x 8 Very Low Power/Voltage CMOS SRAM 2M X 8 bit 非常低功电压CMOS SRAM米x 8 LM5080 Modular Current Sharing Controller; Package: MINI SOIC; No of Pins: 8 非常低功电压CMOS SRAM米x 8
|
BSI[Brilliance Semiconductor] BRILLIANCE SEMICONDUCTOR, INC.
|
MC74LCX125 MC74LCX125D MC74LCX125DT MC74LCX125SD M |
LOW-VOLTAGE CMOS QUAD BUFFER LVC/LCX/Z SERIES, QUAD 1-BIT DRIVER, TRUE OUTPUT, PDSO14 LOW-VOLTAGE CMOS QUAD BUFFER 低电压CMOS四路缓冲
|
Motorola Mobility Holdings, Inc. ONSEMI[ON Semiconductor] MOTOROLA[Motorola Inc] MOTOROLA[Motorola, Inc] http://
|
LP62S1024BM-55LLT LP62S1024BM-70LLT LP62S1024B-T L |
55ns; operating current:30mA; standby current:5uA; 128K x 8bit low voltage CMOS SRAM 128K X 8 BIT LOW VOLTAGE CMOS SRAM
|
AMICC[AMIC Technology]
|
KM616FS4110ZI-10 KM616FS4110ZI-7 |
100ns; V(cc): -2 to 3V; 1W; 256K x 16-bit super low power and low voltage full CMOS static RAM 70ns; V(cc): -2 to 3V; 1W; 256K x 16-bit super low power and low voltage full CMOS static RAM
|
Samsung Electronic
|
AM29SL160CB-100ED AM29SL160CT-100EC AM29SL160CT-10 |
16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
|
AMD[Advanced Micro Devices]
|
AM29SL800DB90EC AM29SL800DB90ED AM29SL800DT90EC AM |
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
|
AMD[Advanced Micro Devices]
|
K6T8008C2M K6T8008C2M-B K6T8008C2M-F K6T8008C2M-RB |
1Mx8 bit Low Power and Low Voltage CMOS Static RAM
|
SAMSUNG SEMICONDUCTOR CO. LTD.
|
FMP3217BAX-FXXX FMP3217BAX-GXXX FMP3217BAX-H60E FM |
2M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
|
FIDELIX
|
MB89P568PFM-102 MB89P568PFM-101 MB89567ACPFM MB895 |
F2MC-8L/Low Power/Low Voltage Microcontrollers 8-bit Proprietary Microcontroller CMOS
|
Fujitsu Microelectronics Fujitsu Component Limited. Fujitsu Component Limit...
|